|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DomiLED Right Angle AlInGaP : BL-PSx-xSS * * * * * High brightness surface mount LED. Designed for sideway illumination. Small package outline. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to both IR reflow soldering and TTW soldering. Part Ordering Number Chip Technology / Color AlInGaP / Super-red, 632 nm dom ( nm ) 120 Luminous Intensity @ If = 20mA Iv ( mcd ) 45.0 ... 112.5 45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5 BL-PSS-SSS-C10 BIN P1 BIN P2 BIN Q1 BIN Q2 BL-PSR-CSS-C20 - BIN P1 - BIN P2 - BIN Q1 - BIN Q2 (OBSOLETE) AlInGaP / Red, 625 nm 120 45.0 ... 112.5 45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5 BL-PSR-CSS-C10 BIN Q1 BIN Q2 BIN R1 BIN R2 71.5 ... 180.0 71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 BL-PSR-SSS-C20 - BIN Q1 - BIN Q2 - BIN R1 - BIN R2 (OBSOLETE) 71.5 ... 180.0 71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 BL-PSR-TSS-C10 BIN S1 BIN S2 BIN T1 BIN T2 TS AlInGaP / Red, 625 nm 180.0 ... 450.0 180.0 ... 224.0 224.0 ... 285.0 285.0 ... 355.0 355.0 ... 450.0 BL-PSA-CSS-C10 BIN Q1 BIN Q2 BIN R1 BIN R2 AlInGaP / Amber, 615 nm 120 71.5 ... 180.0 71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 BL-PSA-SSS-C10 BIN R1 BIN R2 BIN S1 BIN S2 112.5 ... 285.0 112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0 Part Ordering Number Chip Technology / Color AlInGaP / Orange, 605 nm dom ( nm ) 120 Luminous Intensity @ If = 20mA Iv ( mcd ) 71.5 ... 180.0 71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 BL-PSO-CSS-C10 BIN Q1 BIN Q2 BIN R1 BIN R2 BL-PSO-SSS-C10 BIN R1 BIN R2 BIN S1 BIN S2 AlInGaP / Yellow, 587 nm 112.5 ... 285.0 112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0 BL-PSY-CSS-C10 BIN Q1 BIN Q2 BIN R1 BIN R2 120 71.5 ... 180.0 71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0 BL-PSY-SSS-C10 BIN R1 BIN R2 BIN S1 BIN S2 112.5 ... 285.0 112.5 ... 140.0 140.0 ... 180.0 180.0 ... 224.0 224.0 ... 285.0 BL-PSG-SSS-C10 BIN P1 BIN P2 BIN Q1 BIN Q2 AlInGaP / Green, 572 nm 120 45.0 ... 90.0 45.0 ... 56.0 56.0 ... 71.5 71.5 ... 90.0 90.0 ... 112.5 NOTE: 1. All part number above comes in a standard quantity of 2500 units per reel. 2. Other luminous intensity groups are also available upon request. 3. Luminous intensity is measured with an accuracy of 11%. 4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 5. Vf binning is optional. Vf binning scheme is as per the following table. Please contact marketing for special part number. Wavelength Grouping. Color BL-PSS; Super Red BL-PSR-CS, -SS; Red (AS) BL-PSR-TS; Red (TS) BL-PSA; Amber Full W X BL-PSO; Orange Full W X Y Z BL-PSY; Yellow Full W X Y Z BL-PSG; Green Full W X Y Z Group Full Full Wavelength distribution (nm) 625 - 640 620 - 630 620 - 635 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 Dominant wavelength is measured with an accuracy of 1 nm. Vf Binning (Optional). Vf Bin @ 20mA 01 02 03 04 Forward voltage (V) 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45 2.45 ... 2.75 Forward voltage, Vf is measured with an accuracy of 0.1 V. Absolute Maximum Ratings Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. ESD Threshold; HBM LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 20 200 12 2000 125 -40 ... +100 -40 ... +100 50 Unit mA mA V V C C C mW Recommended Solder Pad Relative luminous intensity vs. forward current. Intensity vs. DC Forward Current Forward current vs. forward voltage. Forward Current (mA) vs. Forward Voltage 35 Relative intensity. Normalized at 20 mA. 2.2 2 30 Forward Current (mA) 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 FORWARD CURRENT (mA) 25 AS AlInGaP 20 15 TS AlInGaP 10 5 0 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 Forward Voltage (V) Radiation pattern. 30 20 10 0 1.0 Maximum current vs. ambient temperature 25 20 Forward Current, If 40 0.8 15 10 5 50 0.6 60 0.4 70 80 90 0.2 0 0 0 10 20 30 40 50 60 70 80 90 100 Am bient Tem perature Relative Intensity vs. Wavelength Relative Spectra Emission 1.0 0.9 0.8 Orange Red Super Red Green Hyper Red Relative Intensity 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 500 550 600 650 700 750 800 Wavelength (nm) Taping And Orientation. Reels come in quantity of 2500 units. Reel diameter is 180 mm. Recommended Sn-Pb IR-Reflow Soldering Profile. Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10-30s Temperature (oC) 200 175 150 125 100 75 50 183 C o Ramp-down 6 oC/sec max. Preheat 60-120s 360s max 25 0 50 100 150 200 Time (sec) Recommended Pb Free IR-Reflow Soldering Profile. Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 Ramp-up 3 oC/sec max. 60-150s 255-260oC 10-30s Temperature ( C) 225 200 175 150 125 100 75 50 25 0 217 oC o Ramp-down 6 oC/sec max. Preheat 60-180s 480s max 50 100 150 200 Time (sec) |
Price & Availability of BL-PSY-CSS-C10 |